Part Number Hot Search : 
F200B AS4SD E424IDT K1450A 133TQI 202165B M5L8253P S220M40
Product Description
Full Text Search
 

To Download SDU3055L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S DU/D3055L2
S amHop Microelectronics C orp. May,2004 ver1.1
N-C hannel E nhancement Mode Field E ffect Trans is tor
P R ODUC T S UMMAR Y
V DS S
20V
F E AT UR E S
( m W ) Max
ID
15A
R DS (ON)
S uper high dense cell design for low R DS (ON).
60 @ V G S = 4.5V 70 @ V G S = 2.5V
R ugged and reliable. TO-252 and TO-251 P ackage.
D
D G S
G D
S
G
S DU S E R IE S TO-252AA(D-P AK)
S DD S E R IE S TO-251(l-P AK)
S
AB S OL UTE MAXIMUM R ATINGS
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous a @ TJ=125 C b -P ulsed (300ms Pulse Width) Drain-S ource Diode Forward C urrent a Maximum P ower Dissipation a Operating Junction and S torage Temperature R ange
(TA=25 C unles s otherwis e noted)
S ymbol VDS VGS ID IDM IS PD TJ, TS TG Limit 20 12 15 25 15 50 -55 to 150 Unit V V A A A W C
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient
1
R JC R JA
3 50
C /W C /W
S DU/D3055L2
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 20V, VGS = 0V VGS = 8V, VDS = 0V VDS = VGS, ID = 250uA VGS =4.5V, ID = 6.0A VGS =2.5V, ID = 5.2A VDS = 5V, VGS = 4.5V VDS = 10V, ID = 6.0A
Min Typ C Max Unit
20 1 100 0.7 34 45 20 17 705 280 65 60 70 V uA nA V
m-ohm m-ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =8V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = 10V, ID = 1A, VGEN = 4.5V, R L = 10 ohm RGEN = 6 ohm VDS=10V,ID =6A,VGS=10V VDS=10V,ID =6A,VGS=4.5V VDS =10V, ID = 6A, VGS =10V
2
10 15 35 20 25 9.3 2 2
ns ns ns ns nC nC nC nC
S DU/D3055L 2
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unles s otherwis e
Parameter
5
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =1.7A
Min Typ Max Unit
0.72 1.2 V
C
DR AIN-SOUR CE DIODE CHAR ACTER ISTICS b
Notes a.S urface Mounted on FR 4 Board, t <= 10sec. b.Pulse Test:Pulse Width <=300us, Duty Cycle<= 2%. c.Guaranteed by design, not subject to production testing.
25 V G S =10,9,8,7,6,5,4,3V 20 20 25
ID, Drain C urrent(A)
ID, Drain C urrent (A)
15
V G S = 2V
15
10 5 0
10 T j=125 C 5 -55 C 0 0.0 25 C
0
1
2
3
4
5
6
0.5
1
1.5
2
2.5
3
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C har acter istics
R DS (ON), On-R es is tance(Ohms ) (Normalized)
3000 2500 1.8 1.6 1.4 1.2 1.0 0.8
F igure 2. Tr ansfer C har acter istics
V G S =4.5V ID=6A
C , C apacitance (pF )
2000 1500 1000 500 0
C is s C os s C rs s 0 2 4 6 8 10 12
0.6 -50
0
50
100
150
V DS , Drain-to S ource Voltage (V )
T j, J unction T emperature ( C )
F igure 3. C apacitance
F igure 4. On-R esistance Var iation with Temper ature
3
S DU/D3055L 2
1.06 1.03 1.00 0.97 0.94 0.91 -50 -25 0 25 50 75 100 125 150 V DS=V GS ID=250uA
B V DS S , Normalized Drain-S ource B reakdown V oltage
V th, Normalized G ate-S ource T hres hold V oltage
1.09
1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=250uA
5
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igur e 5. G ate T hr eshold V ar iation with T emper atur e
36
F igur e 6. B r eak down V oltage V ar iation with T emper atur e
20
gFS , T rans conductance (S )
24 18 12 6 0 0 3 6 9 12 15 V DS=10V
Is , S ource-drain current (A)
30
10
1 0 0.4 0.6 0.8 1.0 T J =25 C 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igur e 7. T r ansconductance V ar iation with Dr ain C ur r ent
10
ID, Drain C urrent (A)
F igur e 8. B ody Diode F or war d V oltage V ar iation with Sour ce C ur r ent
50
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
V DS=10V ID=6A
10
RD
S
(
) ON
L im
it
10
10 0m s
ms
11
DC
1s
0.1 0.03
VGS =4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
4
8
12
16
20 24 28 32
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igur e 9. G ate C har ge 4
F igur e 10. M aximum Safe O per ating A r ea
S DU/D3055L 2
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S DU/D3055L2
6
S DU/D3055L2
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
7
S DU/D3055L2
TO-251 Tube
TO251 Tube/TO-252 Tape and Reel Data
" A"
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
8


▲Up To Search▲   

 
Price & Availability of SDU3055L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X